PART |
Description |
Maker |
BS616LV1626TI BS616LV1622TC-55 BS616LV1622TC-70 BS |
Asynchronous 16M(2Mx8 or 1Mx16 Switchable) bits Static RAM Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable LM4922 Boomer ® Audio Power Amplifier Series Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier; Package: MICRO SMD; No of Pins: 14 LM4921 Low Voltage I 2 S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control; Package: MICRO SMD; No of Pins: 20 非常低功电压CMOS SRAM00万16M × 8位开 LM4921? Low Voltage I 2 S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control; Package: MICRO SMD; No of Pins: 20
|
Brilliance Semiconducto... http:// BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC.
|
MB89F051 MB89051 MB89F051PFM MB89051PFM |
8-bit Proprietary Microcontrollers F2MC-8L MB89051 Series Micro controller 8-Bit Proprietary F2MC-8L Family Internal USB Product F2MC-8L/Low Power/Low Voltage Microcontrollers
|
FUJITSU[Fujitsu Media Devices Limited] Fujitsu Microelectronics
|
S3C2510A |
16/32-bit RISC micro-controller is a cost-effective, high-performance micro-controller solution for Ethernet-based systems, for example
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
FST34X2245QSPXNL FST34X2245_05 FST34X2245 FST34X22 |
32-Bit Bus Switch with 25 Ohm Series Resistor in Outputs 32-Bit Bus Switch with 25ohm Series Resistors in Outputs CBT/FST/QS/5C/B SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PDSO80
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
EDS11-164A |
PX series Digital temperature Controller Socket Type MICRO-CONTROLLER X (48mm×48mm) MICRO-CONTROLLER X
|
Fuji Electric
|
HD64180R HD64180RCP-10X HD64180RCP-6X HD64180RCP-8 |
High-Power, Quad, PSE Controller for Power-Over-Ethernet HD64180R / 8位CMOS(微处理单元 HD64180R/Z 8-BIT CMOS (Micro Processing Unit) HD64180R/Z 8-BIT CMOS (Micro Processing Unit)
|
Hitachi,Ltd. Hitachi Semiconductor
|
MMVP48K375T MMVP48K3N75T MMVP48K3NT MMVP96K3N75T K |
MMVP Series Micro Video Patchbays
|
Switchcraft, Inc.
|
PSAC09R-050 PSAC09R-7400 |
9W Interchangeable Plug Series with Micro-USB Connector
|
Phihong USA Inc.
|
MB89538H MB89538HC MB89537HC MB89537H MB89PV530CF |
8-bit Original Microcontroller CMOS Micro controller 8-Bit Proprietary F2MC-8L Family UART Product
|
FUJITSU[Fujitsu Media Devices Limited]
|
AT49LV080 AT49LV080- AT49LV080T AT49LV080T-12CC AT |
LM4674A Boomer ® Audio Power Amplifier Series Filterless 2.5W Stereo Class D Audio Power Amplifier; Package: MICRO SMD; No of Pins: 16 1M X 8 FLASH 2.7V PROM, 200 ns, PDSO44 8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory 1M X 8 FLASH 3V PROM, 200 ns, PDSO44 LM4673 Filterless, 2.65W, Mono, Class D Audio Power Amplifier; Package: MICRO SMD; No of Pins: 9 1M X 8 FLASH 2.7V PROM, 200 ns, PBGA42 LM4671 Filterless High Efficiency 2.5W Switching Audio Amplifier; Package: MICRO SMD; No of Pins: 9 1M X 8 FLASH 2.7V PROM, 200 ns, PDSO40 LM4673 Filterless, 2.65W, Mono, Class D Audio Power Amplifier; Package: LLP; No of Pins: 8 IGBT Chips; Package: --; Technology: IGBT 3; VDS (max): 1,200.0 V; IC (max): 15.0 A; VCE(sat) (max): 2.1 V; VGE(th) (min): 5.0 V; LM4920 Boomer ® Audio Power Amplifier Series Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier; Package: MICRO SMD; No of Pins: 14 LM4917 Boomer ® Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier; Package: TSSOP; No of Pins: 14 LM4917 Boomer ® Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier; Package: LLP; No of Pins: 14 LM4674A Boomer ® Audio Power Amplifier Series Filterless 2.5W Stereo Class D Audio Power Amplifier; Package: MICRO SMD; No of Pins: 16
|
Micron Technology, Inc. Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
EM78P467A EM78P267A |
8-Bit Micro-Controller for Consumer Product(4K × 13片上ROM,工作电.5V-5.5V位微控制 8-Bit Micro-Controller for Consumer Product(2K × 13片上ROM,工作电.5V-5.5V位微控制 8位微控制器的消费产品(带2K × 13片上ROM的,工作电压.5V.5V位微控制器)
|
ELAN Microelctronics Corp . Elan Microelectronics, Corp.
|
LPC2470 LPC2470FBD208 LPC2470FET208 |
Flashless 16-bit/32-bit micro; Ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface
|
Philips Semiconductors
|